Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  



BUFFER Datasheet, PDF

Searched Keyword : 'Buffer' - Total: 10 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Elantec Semiconductor
ELH0033G Datasheet pdf image
242Kb/12P
Fast Buffer Amplifier
EL2004 Datasheet pdf image
272Kb/16P
350 MHz FET Buffer
EL2005 Datasheet pdf image
244Kb/12P
High Accuracy Fast Buffer
EL2072C Datasheet pdf image
219Kb/8P
730 MHz Closed Loop Buffer
EL2009C Datasheet pdf image
184Kb/8P
90 MHz 1 Amp Buffer Amplifier
EL2008C Datasheet pdf image
446Kb/12P
55 MHz 1 Amp Buffer Amplifier
EL2002C Datasheet pdf image
302Kb/12P
Low Power, 180 MHz Buffer Amplifier
EL2001C Datasheet pdf image
278Kb/12P
Low Power, 70 MHz Buffer Amplifier
EL5221C Datasheet pdf image
263Kb/13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5421C Datasheet pdf image
255Kb/13P
Quad 12MHz Rail-to-Rail Input-Output Buffer

1


1



What is Buffer


In electronic components, a buffer is a circuit that maintains the characteristics of a signal while replicating an input signal to an output signal.

That is, it passes the output signal to another circuit or device without amplifying or attenuating the input signal.

Buffers are used for the following purposes:

Signal Amplification: When the magnitude of the input signal is small, Buffer increases the magnitude of the output signal by amplifying the input signal.

Signal Attenuation: If the magnitude of the input signal is too large, Buffer reduces the magnitude of the output signal by attenuating the input signal.

Signal distribution: One input signal can be divided into multiple output signals.

Signal Drive: Drives an output signal by converting an input signal into sufficient electrical energy before passing the output signal to another circuit or device.

Buffers are used in many electronic components and come in a variety of circuit configurations and types.

For example, a Voltage Follower constructed using an Op-amp is a type of Buffer in which one input and one output are duplicated as the same signal. Also, inverting/non-inverting buffers are used in digital circuits.

These buffers are used to pass digital signals to other circuits or devices without amplifying or attenuating the input signal.