Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  



BASE Datasheet, PDF

Searched Keyword : 'BASE' - Total: 5 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Maxim Integrated Produc...
MAX4890E Datasheet pdf image
1Mb/13P
1000 Base-T, ±15kV ESD Protection LAN Switches
Rev 0; 8/06
MAX4890 Datasheet pdf image
175Kb/17P
10/100/1000 Base-T Ethernet LAN Switch
Rev 2; 8/07
MAX4927 Datasheet pdf image
189Kb/13P
1000 Base-T, 짹15kV ESD Protection LAN Switch
Rev 0; 6/07
MAX4890 Datasheet pdf image
280Kb/18P
10/100/1000 Base-T Ethernet LAN Switch
Rev 1; 8/05
MAX2043 Datasheet pdf image
388Kb/17P
1700MHz to 3000MHz High-Linearity, Low LO Leakage Base-Station Rx/Tx Mixer
Rev 0; 12/05

1


1



What is BASE


In electronic components, base can be used in various meanings. Here are three commonly used meanings:

Components of a Transistor: The base is a component used in some transistors, which is responsible for controlling the operation of the transistor.

In NPN and PNP transistors, the base is one of the three terminals located between the collector and emitter.

A voltage or current applied to the base regulates the operation of the electronic component by controlling the collector-emitter current of the transistor.

Base Part of Connector or Socket: “Base” may mean the base part of a connector or socket.

For example, in the case of a power connector, the base can refer to the part that forms the basic structure of the connector.

These bases are used to attach and secure connectors, and serve to connect the connectors to other parts or devices.

Base Electrode: Base is the name of the electrode used in some diodes and transistors.

The base represents the anode of a diode or the electrode between the emitter and collector in a PNP type of transistor.

The base electrode controls the flow of current in a diode or transistor and regulates the operation of electronic components.

In electronics, base can be used as a term to describe the components of a transistor, the base part of a connector or socket, and the electrodes of diodes and transistors.

The exact meaning may vary depending on context.