Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  



DRAIN Datasheet, PDF

Searched Keyword : 'DRAIN' - Total: 36 (1/2) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Diodes Incorporated
74LVC04A Datasheet pdf image
192Kb/10P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74AUP2G07 Datasheet pdf image
443Kb/12P
DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
74LVC3G06 Datasheet pdf image
546Kb/8P
TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
74LVC3G07 Datasheet pdf image
545Kb/8P
TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 2 - 2
74LV05A Datasheet pdf image
288Kb/9P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC1G06Q Datasheet pdf image
523Kb/9P
SINGLE INVERTER WITH OPEN DRAIN OUTPUT
June 2020 Rev. 2 - 2
74HCT05 Datasheet pdf image
309Kb/8P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
January 2013 Rev. 3 - 2
74LV07A Datasheet pdf image
297Kb/9P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74LV06A Datasheet pdf image
310Kb/9P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A Datasheet pdf image
206Kb/10P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC2G06 Datasheet pdf image
258Kb/9P
DUAL INVERTER WITH OPEN DRAIN OUTPUTS
74AHCT05 Datasheet pdf image
301Kb/8P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
January 2013
74LVC1G07Q Datasheet pdf image
523Kb/9P
SINGLE BUFFER WITH OPEN DRAIN OUTPUT
June 2020 Rev. 2 - 2
74AUP1G06 Datasheet pdf image
236Kb/11P
SINGLE INVERTER WITH OPEN DRAIN OUTPUT
74LVC07A Datasheet pdf image
209Kb/10P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74AHC05 Datasheet pdf image
282Kb/8P
HEX INVERTER WITH OPEN DRAIN OUTPUTS
74LVC2G07 Datasheet pdf image
256Kb/9P
DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
74HC05 Datasheet pdf image
314Kb/7P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74AUP2G06 Datasheet pdf image
440Kb/12P
DUAL INVERTERS WITH OPEN DRAIN OUTPUTS
74LVCE1G07_1012 Datasheet pdf image
276Kb/13P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2

1 2 >


1 2 >



What is DRAIN


In electronics, 'DRAIN' is a term used in some semiconductor devices such as MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor).

A MOSFET is a semiconductor device that allows current to flow by controlling voltage, and is mainly used for switching and amplification. A MOSFET has three pins, one of which is the 'DRAIN' pin. The other two pins are 'GATE' and 'SOURCE'.

DRAIN (Drain): DRAIN is the output pin of the MOSFET, the current will leave the device through this pin. The DRAIN pin serves to collect the current as the part where the channel of the MOSFET is formed. Typically, the electrical connection is between the MOSFET's DRAIN pin and the circuit's power source or load.

GATE (Gate): GATE is the control pin of the MOSFET. When voltage is applied to this pin, it regulates the current flow between DRAIN and SOURCE by controlling the conduction of the channel.

SOURCE (source): SOURCE is the input pin of the MOSFET, the current will go into this pin. The conductivity of the channel changes according to the voltage applied to the GATE, and accordingly, the current flows between DRAIN and SOURCE.

MOSFETs are used in a variety of applications, mainly in power conversion, switching circuits, and amplifier circuits. DRAIN plays an important role in controlling the operation of the MOSFET. This allows the MOSFET to perform various functions by controlling the conduction of the channel and allowing or blocking current, depending on the applied voltage and the voltage applied to the GATE.