Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  



LEVEL Datasheet, PDF

Searched Keyword : 'LEVEL' - Total: 5 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Hitachi Semiconductor
HD66732 Datasheet pdf image
5Mb/131P
Hraphics Liquid Crystal Display Controller/Driver Supportiong JIS Level-1 and Level-2 Kangi ROM)
HD151015 Datasheet pdf image
80Kb/13P
9 bit Level Shifter/Transceiver With 3 State Outputs
HD66520 Datasheet pdf image
338Kb/45P
160-Channel 4-Level Grayscale Display Column Driver with Internal Bit-Map RAM
HD66420 Datasheet pdf image
167Kb/52P
(RAM-Provided 160 Channel 4-Level Grey Scale Driver for Dot Matrix Graphics LCD)
HD66421 Datasheet pdf image
180Kb/46P
(RAM-Provided 160 Channel 4-Level Grey Scale Driver for Dot Matrix Graphics LCD)

1


1



What is LEVEL


Level is one of the electronic components and is a term indicating the magnitude or strength of an electrical signal.

The level of an electrical signal is usually expressed as a magnitude of voltage or current, and these levels play an important role in signal processing and analysis in electronic equipment or circuits.

For example, digital circuits use specific voltage levels to represent logic 0s and 1s.

I usually use 0V as logic 0 and 5V or 3.3V as logic 1. These levels play an important role when processing electrical signals in electronic components or circuits.

Analog circuits also process signals using levels of voltage or current.

These levels have a significant impact on the accuracy and performance of signal processing, and it is important to maintain appropriate levels.

Level is also used to evaluate the performance of electronic components. For example, the output level of an audio amplifier is expressed in power, i.e. the strength of the output signal.

These levels relate to the size and distance of the speakers and the volume of the sound, and are one of the important factors to consider when choosing audio equipment.