Manufacturer | Part # | Datasheet | Description |
Littelfuse
|
24512-03 |
553Kb/2P |
PLASTIC BODY SOLENOIDS 2020 Rev: 120820 |
00603400 |
127Kb/1P |
13-Pole Plastic Body Plugs ??12V ??ISO 11446 |
00605800 |
126Kb/1P |
13-Pole Plastic Body Sockets ??12V ??ISO 11446 |
00584500 |
200Kb/2P |
15-Pole Plastic Body Sockets ??24V ??ISO 12098 |
00605500 |
116Kb/1P |
15-Pole Plastic Body Plug ??24V ??ISO 12098 |
SP105301TG |
768Kb/5P |
SP1053 8.5pF 8kV 01005 DFN Plastic Unidirectional Discrete TVS |
SP1053 |
768Kb/5P |
SP1053 8.5pF 8kV 01005 DFN Plastic Unidirectional Discrete TVS |
SP1054 |
788Kb/5P |
SP1054 25pF 30kV 01005 DFN Plastic Unidirectional Discrete TVS |
00681400 |
149Kb/1P |
2-Pole Aluminum/Plastic Sockets and Plugs ??ISO 4165 |
46205000000 |
228Kb/3P |
Heat resistant plastic housing, UL 94 V-0 Low voltage drop |
P1100THLRP |
448Kb/4P |
This DO-41 plastic package provides a through-hole version of the SIDACtor짰 devices. |
USP11493 |
556Kb/1P |
Littelfuse offers Plastic probe assemblies suitable for a wide range of temperature sensing applications |
USP16673 |
578Kb/1P |
Littelfuse offers Plastic probe assemblies suitable for a wide range of temperature sensing applications |
USP10975 |
554Kb/1P |
Littelfuse offers Plastic probe assemblies suitable for a wide range of temperature sensing applications |
USP14579 |
570Kb/1P |
Littelfuse offers Plastic probe assemblies suitable for a wide range of temperature sensing applications |
USP17957 |
575Kb/1P |
Littelfuse offers Plastic probe assemblies suitable for a wide range of temperature sensing applications |
08098700 |
405Kb/2P |
08098700 is Standard Compact Manual Battery Disconnect Switch that features a removable handle with a plastic body |
TPSMF4L |
2Mb/6P |
The TPSMF4L series of SOD-123FL small and flat lead low-profile plastic package is designed specifically to protect sensitive electronic equipment from voltage |
SM7 |
780Kb/5P |
The Littelfuse SM7 is a plastic-encapsulated surface mount MOV in a PPS material molded package with tin-plated terminal which is fully qualified in lead free |