Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  



PWM Datasheet, PDF

Searched Keyword : 'PWM' - Total: 176 (1/9) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Maxim Integrated Produc...
MAX22201EVKIT Datasheet pdf image
1Mb/11P
Configurable for External PWM or Adjustable On-Board PWM Input
Rev 0; 1/21
MAX1992 Datasheet pdf image
643Kb/36P
Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX15062BEVKIT Datasheet pdf image
1Mb/8P
500kHz Fixed-Frequency PWM Operation
Rev 0; 4/13
MAX8506EVKIT Datasheet pdf image
104Kb/5P
1MHz Fixed-Frequency PWM Switching
Rev 0; 2/04
MAX6653 Datasheet pdf image
297Kb/24P
Temperature Monitors and PWM Fan Controllers
Rev 1; 12/03
MAX5950 Datasheet pdf image
552Kb/28P
12V PWM Controller with Hot-Swap
Rev 0; 6/06
MAX17409 Datasheet pdf image
511Kb/32P
1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
MAX5003 Datasheet pdf image
170Kb/16P
High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX20003EVKIT Datasheet pdf image
349Kb/8P
Forced-PWM or Skip-Mode Operation
Rev 0; 5/14
MAX6666 Datasheet pdf image
268Kb/8P
High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666 Datasheet pdf image
124Kb/7P
High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
MAX5951 Datasheet pdf image
395Kb/25P
12V/5V Input Buck PWM Controller
Rev 0; 5/06
MAX6666 Datasheet pdf image
1Mb/7P
High-Accuracy PWM Output Temperature Sensors
2014
MAX750A Datasheet pdf image
206Kb/16P
Adjustable, Step-Down, Current-Mode PWM Regulators
Rev 0; 10/93
MAX618 Datasheet pdf image
204Kb/14P
28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
MAX31790 Datasheet pdf image
1Mb/43P
6-Channel PWM-Output Fan RPM Controller
Rev 2; 1/15
MAX1846EUB-T Datasheet pdf image
325Kb/20P
High-Efficiency, Current-Mode, Inverting PWM Controller
Rev 2; 9/10
MAX6676 Datasheet pdf image
1Mb/7P
Low-Voltage, 1.8kHz PWM Output Temperature Sensors
2015
MAX31790 Datasheet pdf image
2Mb/43P
6-Channel PWM-Output Fan RPM Controller
Rev 0; 12/12
MAX1846 Datasheet pdf image
452Kb/20P
High-Efficiency, Current-Mode, Inverting PWM Controller
19-2091; Rev 0; 8/01

1 2 3 4 5 6 7 8 9 >


1 2 3 4 5 > >>



What is PWM


PWM (Pulse Width Modulation) is one of the digital signal processing methods used in the field of electronic components.

PWM is a method of imitating an analog signal using a digital signal. It is a method of adjusting the maximum and minimum values while maintaining a constant frequency and outputting them.

A PWM signal expresses an analog signal using a ratio called duty cycle among digital signals, and duty cycle means the ratio of time when high and low states appear alternately.

PWM is used in power conversion circuits, motor control, LED dimming, and many other applications.

For example, in motor control, PWM is used to control the speed and direction of a motor.

By using PWM, the voltage applied to the motor can be turned on/off at regular intervals to control the rotation speed of the motor.

PWM is also widely used in LED lighting. By controlling the amount of voltage applied to the LED using PWM, the brightness of the LED can be adjusted.

Therefore, electronic component PWM is one of the methods of imitating an analog signal using a digital signal, and is a technology used in various fields such as power conversion circuits, motor control, and LED dimming.