Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  



SCRS Datasheet, PDF

Searched Keyword : 'SCRS' - Total: 4 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
International Rectifier
2N3091 Datasheet pdf image
239Kb/6P
110 AMP RMS SCRS
2N686 Datasheet pdf image
219Kb/7P
25 AND 35 AMP RMS SCRS
2N687 Datasheet pdf image
208Kb/7P
25 and 35 Amp RMS SCRs?
350PJT Datasheet pdf image
405Kb/7P
1200A ITGQ Gate Turn-Off Hockey Puk SCRs

1


1



What is SCRS


SCR stands for Silicon Controlled Rectifier, and it is a type of semiconductor device that is used as a switch in electronic circuits.

An SCR is a type of thyristor, which means it is a four-layer semiconductor device that can be used to control the flow of current in a circuit.

When a positive voltage is applied to the anode of an SCR, it will remain in a non-conducting state until a voltage is applied to the gate terminal.

Once a voltage is applied to the gate terminal, the SCR will switch to a conducting state, and it will continue to conduct even after the gate voltage is removed.

The SCR will remain in a conducting state until the current flowing through it falls below a certain level, or until the voltage across the SCR is reversed.

SCRs are commonly used in electronic circuits to control the flow of current to a load, such as a motor, heater, or lamp.

They are also used in power supplies, lighting systems, and other applications where it is necessary to control the flow of high-voltage and high-current signals.

SCRs are available in a range of voltage and current ratings, and they can be designed to operate at different frequencies.

They are widely used in industrial and commercial applications, as well as in consumer electronics.

However, it is important to use the correct voltage and current ratings when selecting an SCR for a specific application, to ensure that the device is not damaged and that the circuit operates correctly.